PART |
Description |
Maker |
MC78L06F09 MC78L06F-TP |
Three-Terminal Low Current Positive Voltage Regulat
|
Micro Commercial Components
|
SSC2128 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
COM7805T COM7815T COM7812 COM7812T |
Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator(1.5A,5V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培V的,精密正稳压器1.5A的,5V的,固定电压,精密型三端正输出稳压器 Three Terminal, Fixed Voltage, 1.5 Amp12VPrecision Positive Regulator(1.5A,12V,固定电压,精密型三端正输出稳压 三端,固定电压,1.5安培12V的,精密正稳压器1.5A的,12V的,固定电压,精密型三端正输出稳压器 COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K Hi-Rel Fixed Voltage 3-Terminal Positive Regulator Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic 三端固定电压1.5安培 在密封的精密正稳压器 Three Terminal, Fixed Voltage, 1.5 AmpVPrecision Positive Regulator 三端,固定电压,1.5安培V的,精密正稳压器
|
List of Unclassifed Manufacturers ETC[ETC] Omnirel International Rectifier Electronic Theatre Controls, Inc.
|
AN7807F AN7820 AN7824 AN7824F AN7805 AN7820F AN780 |
3-pin positive output voltage regulator (1 A type) 9 V FIXED POSITIVE REGULATOR, PSFM3 3-pin positive output voltage regulator (1 A type) 5 V FIXED POSITIVE REGULATOR, PSFM3 ECONOLINE: REC3-S_DR/H1 - 3W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 7 V FIXED POSITIVE REGULATOR, PSFM3 (AN78xx/F) 3-pin positive output voltage regulator (1 A type)
|
PANASONIC CORP Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
BZG04 BZG0447 BZG0443 BZG049V1 BZG048V2 BZG04130 B |
From old datasheet system Silicon Transient Voltage Suppressor(快速响应的硅瞬变电压抑制器) Positive voltage regulators 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 Silicon Transient Voltage Suppressors 硅瞬态电压抑制器
|
Vishay Siliconix Vishay Intertechnology,Inc. Interpower, Corp. NXP Semiconductors N.V.
|
NJM78M00 NJM78M00DL1A NJM78M00DLA NJM78M00FA NJM78 |
3-Terminal Positive Voltage Regulator(12V锛?绔???靛?绋冲??? 3-Terminal Positive Voltage Regulator(8V端正电压稳压 Analog IC 模拟IC 3-Terminal Positive Voltage Regulator(9V端正电压稳压 三端正电压稳压器伏,三端正电压稳压器
|
New Japan Radio Co., Ltd.
|
BYV34-500 BYV34 BYV34-300 BYV34-400 BYV34SERIES BY |
Dual rectifier diodes ultrafast Low drop fixed and adjustable positive voltage regulators 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ILC7082 ILC7082AIM5-31 ILC7082AIM5-285 ILC7082AIM5 |
Positive Adjustable Voltage Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 150mA SOT-23 Ultra Low Noise CMOS RF-LDO™
|
Fairchild Semiconductor
|
TK11224BUIB TK11245BUCB TK11255BUCB TK11215BUCB TK |
Power pushbutton switch is rated up to 7 amps and has many options MS series miniature snap action switches with many options VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP .0001UF 50V UF(B) FILM SMD 调压器ON / OFF开 CAP .00015UF 50V UF(B) FILM SMD 4.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP 15000UF 63V ELECT TUP SERIES 2.9 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.2 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 CAP 120000UF 16V ELECT THA SER 2.6 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 4 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 3.1 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH
|
TOKO Inc. TOKO, Inc. ON Semiconductor http://
|
JAN7805K JAN7805T JAN7815K JAN7815T SG7815AIG_DESC |
POSITIVE FIXED VOLTAGE REGULATOR Positive Fixed Linear Voltage Regulators THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBCY3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBFM2 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 30M 15 V FIXED POSITIVE REGULATOR, CSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:23; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No JT 26C 26#20 SKT WALL RECP JT 55C 55#22D PIN PLUG JT 10C 10#20 SKT RECP JT 23C 21#20 2#16 SKT PLUG Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes JT 10C 10#20 PIN RECP From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|